Part Number Hot Search : 
LTC1662I XC6121 PE3400 LD3014AY A1703 HZS12LA1 XAA170 BAAC11
Product Description
Full Text Search
 

To Download MC100LVEL56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Dual Differential 2:1 Multiplexer
The MC100LVEL56 is a dual, fully differential 2:1 multiplexer. The MC100EL56 is pin and functionally equivalent to the MC100LVEL56 but is specified for operation at the standard 100E ECL voltage supply. The differential data path makes the device ideal for multiplexing low skew clock or other skew sensitive signals. Multiple VBB pins are provided to ease AC coupling input signals (for more information on AC coupling ECL signals refer to the interfacing section of the ECLinPS data book DL140/D). The device features both individual and common select inputs to address both data path and random logic applications. The differential inputs have special circuitry which ensures device stability under open input conditions. When both differential inputs are left open the D input will pull down to VEE, The D input will bias around VCC/2 forcing the Q output LOW.
MC100LVEL56 MC100EL56
20 1
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04
* * * * * * *
Differential Inputs and Outputs 20-Lead SOIC Packaging 440ps Typical Propagation Delays Separate and Common Select Supports Both Standard and Low Voltage 100K ECL Internal Input Pulldowns >2000V ESD Protection H L Logic Diagram and Pinout: 20-Lead SOIC (Top View)
COM_SEL
TRUTH TABLE SEL Data a b
PIN NAMES
Pins D0a-D1a D0b-D1b SEL0-SEL1 COM_SEL Q0-Q1 Q0-Q1 Function Input Data a Input Data b Individual Select Input Common Select Input True Outputs Inverted Outputs
VCC 20
Q0 19
Q0 18
SEL0 17
SEL1 VCC 15 14
Q1 13
Q1 12
VEE 11
16
1 D0a
2 D0a
3 VBB0
4 D0b
5 D0b
6 D1a
7
8
9 D1b
10 D1b
D1a VBB1
4/95
(c) Motorola, Inc. 1996
4-1
REV 1
MC100LVEL56 MC100EL56
MC100LVEL56 DC CHARACTERISTICS (VEE = -3.0V to -3.8V; VCC = GND)
-40C Symbol IEE VBB IIH IINL Characteristic Power Supply Current Output Reference Voltage -1.38 Input HIGH Current Input LOW Current Dn Dn 0.5 -600 Min Typ 20 Max 24 -1.26 150 0.5 -600 -1.38 Min 0C Typ 20 Max 24 -1.26 150 0.5 -600 50 -1.38 Min 25C Typ 20 Max 24 -1.26 150 0.5 -600 50 -1.38 Min 85C Typ 20 Max 24 -1.26 150 Unit mA V A A V
VPP(DC) Input Sensitivity1 50 50 1. Differential input voltage required to obtain a full ECL swing on the outputs.
MC100LVEL56 AC CHARACTERISTICS (VEE = -3.0V to -3.8V; VCC = GND)
-40C Symbol tPLH tPHL Characteristic Propagation Delay to Output D (Diff) D (SE) SEL COMSEL Min 340 290 430 430 40 Typ Max 540 590 730 730 80 100 150 -2.0 -1.8 1000 -0.4 -0.4 150 -2.1 -1.9 Min 350 300 440 440 40 0C Typ Max 550 600 740 740 80 100 1000 -0.4 -0.4 150 -2.1 -1.9 Min 360 310 440 440 40 25C Typ Max 560 610 740 740 80 100 1000 -0.4 -0.4 150 -2.1 -1.9 Min 380 330 450 450 40 85C Typ Max 580 630 750 750 80 100 1000 -0.4 -0.4 Unit ps
tSKEW tSKEW VPP(AC) VCMR
Within-Device Skew1 Duty Cycle Skew2 Minimum Input Swing3 Common Mode Range4 VPP < 500mV VPP 500mV
ps ps mV V
tr Output Rise/Fall Times Q 200 540 200 540 200 540 200 540 ps tf (20% - 80%) 1. Within-device skew is defined as identical transitions on similar paths through a device. 2. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs. 3. Minimum input swing for which AC parameters are guaranteed. 4. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -3.3V. Note for PECL operation, the VCMR(min) will be fixed at 3.3V - |VCMR(min)|.
MOTOROLA
4-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC100LVEL56 MC100EL56
MC100EL56 DC CHARACTERISTICS (VEE = -4.2V to -5.5V; VCC = GND)
-40C Symbol IEE VBB IIH IINL Characteristic Power Supply Current Output Reference Voltage -1.38 Input HIGH Current Input LOW Current Dn Dn 0.5 -600 Min Typ 20 Max 24 -1.26 150 0.5 -600 -1.38 Min 0C Typ 20 Max 24 -1.26 150 0.5 -600 50 -1.38 Min 25C Typ 20 Max 24 -1.26 150 0.5 -600 50 -1.38 Min 85C Typ 20 Max 24 -1.26 150 Unit mA V A A V
VPP(DC) Input Sensitivity1 50 50 1. Differential input voltage required to obtain a full ECL swing on the outputs.
MC100EL56 AC CHARACTERISTICS (VEE = -4.2V to -5.5V; VCC = GND)
-40C Symbol tPLH tPHL Characteristic Propagation Delay to Output D (Diff) D (SE) SEL COMSEL Min 340 290 430 430 40 Typ Max 540 590 730 730 80 100 150 -3.2 -3.0 1000 -0.4 -0.4 150 -3.3 -3.1 Min 350 300 440 440 40 0C Typ Max 550 600 740 740 80 100 1000 -0.4 -0.4 150 -3.3 -3.1 Min 360 310 440 440 40 25C Typ Max 560 610 740 740 80 100 1000 -0.4 -0.4 150 -3.3 -3.1 Min 380 330 450 450 40 85C Typ Max 580 630 750 750 80 100 1000 -0.4 -0.4 Unit ps
tSKEW tSKEW VPP(AC) VCMR
Within-Device Skew1 Duty Cycle Skew2 Minimum Input Swing3 Common Mode Range4 VPP < 500mV VPP 500mV
ps ps mV V
tr Output Rise/Fall Times Q 200 540 200 540 200 540 200 540 ps tf (20% - 80%) 1. Within-device skew is defined as identical transitions on similar paths through a device. 2. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs. 3. Minimum input swing for which AC parameters are guaranteed. 4. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -4.5V. Note for PECL operation, the VCMR(min) will be fixed at 5.0V - |VCMR(min)|.
ECLinPS and ECLinPS Lite DL140 -- Rev 3
4-3
MOTOROLA
MC100LVEL56 MC100EL56
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E
-A -
20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0 7 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0 7 0.395 0.415 0.010 0.029
-B -
1 10
P 10 PL 0.010 (0.25)
M
B
M
D
20 PL
J
M
0.010 (0.25)
T
A
S
B
S
F R X 45 C -T G
18 PL SEATING - PLANE
K
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 4-4
*MC100LVEL56/D*
MC100LVEL56/D ECLinPS and ECLinPS Lite DL140 -- Rev 3


▲Up To Search▲   

 
Price & Availability of MC100LVEL56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X